PART |
Description |
Maker |
V23838-S5-N1-BB V23838-S5-N1 |
Transceivers by Form-factor MSA - Press-fit Cage for Small Form-factor Pluggable (SFP) Transceiver for single-sided mounting
|
INFINEON[Infineon Technologies AG]
|
HFCT-5944ATG HFCT-5944TG |
HFCT-5944ATG · 2488Mb/s Single mode Small Form Factor Transceivers with LC connector No nose shield, -40C to 85C HFCT-5944TG · 2488Mb/s Single mode Small Form Factor Transceivers with LC connector No nose shield, 0C to 70C
|
Agilent (Hewlett-Packard)
|
AFCT-5961ATLZ |
Single Mode Laser Small Form Factor Transceivers
|
AVAGO TECHNOLOGIES LIMI...
|
ISFPSMOC-48IRMETAL |
Transceivers by Form-factor MSA - iSFP Trx for Multirate Applications up to 2.67 Gbit/s, LC Connector, 1300 nm, 15 km
|
Infineon
|
SDHSTM-1 SONETOC-3 |
Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet and
|
AVAGO TECHNOLOGIES LIMITED AVAGO TECHNOLOGIES LIMI...
|
V23818-K305-L17 V23818-K305-L55 V23818-K305-L57 V2 |
Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX, (AC/AC coupling), 1.25 GBit/s LC, 2x5, 3.3V Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC Connector Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC⑩ Connector SMALL FORM FACTOR MULTIMODE 850 NM 1.0625 GBD FIBRE CHANNEL 1.25 GIGABIT ETHERNET TRANSCEIVER 2X5 PINNING WITH LC⒙ CONNECTOR Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LCConnector
|
Infineon Technologies AG
|
V23848-M15-C756 |
Transceivers by Form-factor MSA - iSFP™ - 1300 nm 35 km 2.125/1.0625 Gbit/s Fibre Channel 1.25 GBE with LC Connect or
|
Infineon
|
FC/GBEMM850NM |
Transceivers by Form-factor MSA - iSFP ™Trx 2.125/1.0625 Gbit/s Fibre Channel/ 1.25 Gigabit Ethernet Trx, LC Connector
|
Infineon
|
HFBR-5710L HFBR-5710LP HFBR-0571 |
HFBR-0571 · Evaluation Kit for Small Form Factor Pluggable (SFP) Gigabit Ethernet and Fibre Channel Applications HFBR-5710L · 1.25 GBd MMF Small Form Factor Pluggable (SFP) Transceiver for Gigabit Ethernet: Standard delatch HFBR-5710LP · 1.25 GBd MMF Small Form Factor Pluggable (SFP) Transceiver for Gigabit Ethernet: Bail-wire delatch Small Form Factor Pluggable Optical Transceiver for Gigabit
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
V23826-H18-C363 V23826-H18-C63 SCDUPLEXIR1X933V |
Transceivers by Form-factor MSA - ATM/SONET/SDH, 1300 nm, 622 Mbit/s, 15 km, 1x9, SC Duplex Connector, 3.3 V, DC/DC coupling DC/DC (5 V/3.3 V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver 直流/直流 V/3.3五)单模622 MBd的ATM SDH / SONET1x9收发
|
INFINEON[Infineon Technologies AG]
|